|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES Two Matched ADCs on Single Chip CMOS-Compatible I/O Low-Power (400 mW) Dissipation Single +5 V Supply On-Chip Voltage Reference Self-Biased for AC-Coupled Inputs 28-Lead SOIC and SSOP Packages APPLICATIONS Direct Broadcast Satellite (DBS) Receivers QAM Demodulators Wireless LANs VSAT Receivers Dual 6-Bit, 60 MSPS Monolithic A/D Converter AD9066 FUNCTIONAL BLOCK DIAGRAM +VS AD9066 VT INA REF A ENCODE INB REF B VB 6-BIT DAC D0B-D5B 6-BIT DAC D0A-D5A PRODUCT DESCRIPTION PIN CONFIGURATIONS ENCODE 1 +VS 2 GND 3 GND 4 +VS 5 INA 6 GND 7 28 D5A (MSB) 27 D4A 26 D3A 25 D2A 24 D1A The AD9066 is a dual 6-bit ADC that has been optimized for low-cost in-phase and quadrature (I and Q) demodulators. Primary applications include digital direct broadcast satellite applications where broadband quadrature phase shift keying (QPSK) modulation is used. In these receivers the recovered signal is separated into I and Q vector components and digitized. To reduce total system cost and power dissipation, the AD9066 provides an internal voltage reference and operates from a single +5 volt power supply. Digital outputs are CMOS compatible and rated to 60 MSPS conversion rates. The digital input (ENCODE) utilizes a CMOS input stage with a TTL compatible (1.4 V) threshold. The AD9066 is housed in a 28-lead SOIC and a 28-lead SSOP package and is available in two temperature grades. The AD9066JR is rated for operation over the 0C to 70C commercial temperature range. The AD9066AR/ARS is rated for the -40C to +85C industrial temperature range. The internal voltage reference insures that the analog input is biased to midscale with low offset when driven from an accoupled source. In dc-coupled applications, the midscale voltage reference can be used to control external biasing amplifiers to minimize offsets due to variations in temperature or supply voltage. AD9066 (JR/AR) 23 D0A (LSB) TOP VIEW 22 GND +VS 8 (Not to Scale) 21 +VS VT 9 20 D5B (MSB) 19 D4B 18 D3B 17 D2B 16 D1B 15 D0B (LSB) REF A 10 INB 11 REF B 12 VB 13 NC 14 NC = NO CONNECT +VS 1 VT 2 REF A 3 INB 4 REF B 5 VB 6 28 27 26 25 24 GND INA +VS GND GND +VS (ARS) TOP VIEW 22 ENCODE (LSB) D0B 8 (Not to Scale) 21 D5A (MSB) 23 AD9066 NC 7 D1B 9 D2B 10 D3B 11 D4B 12 (MSB) D5B 13 +VS 14 20 19 18 17 16 15 D4A D3A D2A D1A D0A (LSB) GND REV. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. NC = NO CONNECT One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000 AD9066-SPECIFICATIONS ELECTRICAL CHARACTERISTICS (+V = +5 V, AIN = 15.5 MHz, Encode Rate = 60 MSPS, T S C = T A) Unit mV mV V LSBs pF k MHz dB LSBs LSBs Parameter ANALOG INPUT Full-Scale Input Range Gain Matching (FS Range) DC Input (Midscale)1 Input Offset1 Input Capacitance Input Resistance (DC) Input Bandwidth (3 dB) Gain Flatness (to 15 MHz) Integral Linearity Differential Linearity Monotonicity SWITCHING PERFORMANCE Max Conversion Rate Output Delay (tV)2 Output Delay (tPD)2 Aperture Uncertainty (Jitter) Aperture Time (tA) DYNAMIC PERFORMANCE3 Effective Number of Bits SINAD Harmonic Distortion (THD) Crosstalk Rejection ENCODE INPUT Logic High Voltage Logic Low Voltage Input High Current Input Low Current Pulsewidth High Pulsewidth Low DIGITAL OUTPUTS Output Coding Logic High Voltage (IOH = 1 mA) Logic Low Voltage (IOL = 1 mA) POWER SUPPLY +VS Supply Voltage Power Supply Rejection Ratio1 +VS Supply Current Power Dissipation4 Test Level VI IV V VI IV VI V V VI VI VI VI IV IV V V VI VI VI IV VI VI VI VI IV IV Temp Full Full +25C Full Full Full +25C +25C Full Full Full Full Full Full +25C +25C +25C +25C +25C +25C Full Full Full Full Full Full Full Full Full Full Full Full Full Min 475 AD9066JR Typ 500 +VS - 1.1 Max 525 16 +1.0 15 55 Min 450 AD9066AR/ARS Typ Max 500 +VS - 1.1 530 16 +1.0 15 57 -1.0 25 10 45 100 0.25 -1.0 22 10 45 100 0.25 -1.0 -0.5 Guaranteed 60 4 +1.0 +0.5 -1.0 -0.5 Guaranteed 60 4 +1.0 +0.5 11 10 1.0 5.3 34 40 40 2.0 0.8 500 500 7.0 7.0 Offset Binary 3.8 0.4 4.75 110 80 400 5.25 130 120 600 4.75 110 80 400 3.8 7.0 7.0 Offset Binary 5.7 36 50 50 5.2 33 40 40 2.0 10 1.0 5.7 36 50 50 12 MSPS ns ns ps rms ns Bits dB dB dBc V V A A ns ns 0.8 500 500 VI VI VI IV VI VI 0.4 5.25 130 120 600 V V V mV/V mA mW NOTES 1 For ac coupled applications, the ADC is internally biased to insure that the midpoint transition of the ADC is within the limits specified with no signal applied. For dc coupled applications, the dc value of the midpoint transition voltage will track the supply voltage within the limits shown for dc input (midscale) plus the dc offset. Power Supply Rejection Ratio (PSRR) refers to the variation of the input signal range (gain) to supply voltage. 2 tV and tPD are measured from the 1.4 V level of the Clock and the 50% level between VOH and VOL. The ac load on all the digital outputs during test is 10 pF (max), the dc load will not exceed 40 A. 3 Effective number of bits (ENOB) and THD are measured using a FFT with a pure sine wave analog input @ 15.5 MHz, 1 dB below full scale. ENOB is calculated by ENOB = (SNR - 1.76 dB)/6.02; THD is measured from full scale to the sum of the second through seventh harmonic of the input. 4 Typical thermal impedance for the "R" style (SOIC) 28-lead package is: JC = 4C/W, CA = 41C/W, JA = 45C/W, and the "RS" style (SSOP) 28-lead package is: JC = 26.97C/W, CA = 51.61C/W, JA = 78.58C/W. Specifications subject to change without notice. -2- REV. A AD9066 ABSOLUTE MAXIMUM RATINGS PIN DESCRIPTIONS Pin ENCODE +VS INA, INB VT REF A, REF B VB D0-D5 Current OUT Min -0.5 -0.5 2.5 -0.5 0.0 Max +VS 7.0 +VS +VS +VS +VS 20 Unit V V V V V V mA AR:JR ARS Pin Pin No. No. Name 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 22 23 24 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 ENCODE +VS GND GND +VS INA GND +VS VT REF A INB REF B VB NC D0B (LSB) Function TTL Compatible CMOS Clock, Samples on Rising Edge. +5 V Supply for Digital Input. Ground. Ground. +5 V Supply (Analog). Channel A Analog Input. Ground. +5 V Supply (Analog). Top of Voltage Reference, Bypass to GND. Mid Reference to ADC A, Bypass to GND. Channel B Analog Input. Mid Reference to ADC B, Bypass to GND. Bottom of Reference Ladder, Bypass to GND. No Connect. Digital Outputs Channel B, CMOS Compatible. EXPLANATION OF TEST LEVELS Test Level I II III IV V VI Description 100% Production Tested 100% Production Tested at +25C, and Sample Tested at Specified Temperatures Sample Tested Only Parameter Is Guaranteed by Design Parameter Is Typical Value Only 100% Tested at +25C DIE LAYOUT AND MECHANICAL INFORMATION Die Dimensions . . . . . . . . . . . . . . . . . 132 x 68 x 21 ( 1) mils Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 x 4 mils Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . Ground Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5,810 Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . Silicon Nitride Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Silver Filled Bond Wire . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold ORDERING GUIDE Model AD9066AR AD9066JR AD9066ARS Temperature Range -40C to +85C 0C to +70C -40C to +85C Package Option* R-28 R-28 RS-28 *R = "SO" Small Outline Package; RS = SSOP. D1B D2B D3B D4B D5B (MSB) +VS +5 V Supply for Digital Outputs. GND Ground. D0A (LSB) Digital Outputs Channel A, CMOS Compatible. D1A D2A D3A D4A D5A (MSB) CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9066 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE REV. A -3- AD9066 5.8 ENCODE = 60MSPS 5.7 Gain Variation 5.6 ENOB - Bits The full-scale input range is established by the current through the two matched resistor ladders (620 ohms each nominal). Therefore the gain of the ADC may be modified by forcing different voltages across the top and bottom voltage taps (VT and VB). The easiest way to increase the input range will be to force VB to a lower voltage. Using an external amplifier, the voltage at VB may be forced as low as 3.0 V (3.58 nominal). Using the previously described relationship for full scale and the internal resistor ladder values, 3.0 V at VB will result in a nominal fullscale input range of 705 mV. A larger input range can be established by taking the VT voltage all the way to the supply voltage level while pulling VB to 3.0 V. This would force a 2 V potential across the ladder and create a full-scale input range of 1.6 V. Greater flexibility and improved power supply rejection can be achieved by forcing external voltage references at both the top and bottom of the resistor ladder. 111111 5.5 5.4 5.3 5.2 1 10 MHz 100 Figure 1. ENOB vs. Analog Input Frequency 5.8 ANALOG INPUT = 10.1MHz 5.7 5.6 ENOB - Bits 2n -2 = 62 100000 5.5 011111 5.4 5.3 000001 000000 5.2 10 MHz 100 -FULL-SCALE MIDSCALE +FULL-SCALE Figure 2. ENOB vs. Encode Rate USING THE AD9066 Analog Input and Voltage References +VS = 5V 400 VT 40k REF B 310 VB 2mA 310 310 310 Figure 3. The AD9066 is optimized to allow ac coupled inputs with a fullscale input range of 500 mV 5%. An LSB weight is approximately 8 mV. The full-scale input range is defined as the voltage range that accommodates 2n - 2 codes of equally weighted LSBs (between the first and last code transitions). For the AD9066 there are 32 codes above and below the midscale voltage of the A see Figure 3). The full-scale input range of the AD9066 is equal to 500/620 x (VT - VB), or nominally 500 mV. For dc coupled applications, the REF A and REF B voltages can be used to feed back offset compensation signals. This will allow the midscale transition voltage of the ADCs to track supply and temperature variations. In the event that offset correction signals are generated digitally, the REF pins would not be required. Figure 4a shows the equivalent circuit for the internal references. All component tolerances are 25%. VS 40k REF A INPUT 1.4V THRESHOLD a. Reference Circuit VS b. Encode Input VS OUTPUTS 40k REF c. Output Bits d. Analog Input Figure 4. Equivalent Circuits -4- REV. A AD9066 Timing ENCODE 866 866 + INA 1/2 AD812 1/2 AD712 2k + 1/2 AD712 866 ANALOG INPUT N The duty cycle of the encode clock for the AD9066 is critical in obtaining rated performance of the ADC. Rated maximum and minimum pulse widths should be maintained, especially for sample rates greater than 40 MSPS. The AD9066 provides latched data outputs with three pipeline delays. The length and load on the output data lines should be minimized to reduce power supply transients inside the AD9066 which might diminish dynamic performance. 6 BITS AD9066 REF A OR REF B + LPF LPF 866 2k 866 6 BITS +15V INB tA N+1 N+2 866 + ENCODE 1/2 AD812 -15V tV D0-D5 VALID DATA FOR N-3 VALID DATA FOR N-2 VALID DATA FOR N-1 Figure 6. Bipolar Input Using AD812 Drive for AD9066 tPD DATA CHANGING Figure 5. Timing Diagram Layout should follow high frequency/high speed design guidelines. In addition the capacitance around the inverting input to the AD812 should be minimized through a tight layout and the use of low capacitance chip resistors for gain setting. Quadrature Receiver Using the AD9066 The data is invalid during the period between tV and tPD. This period refers to the time required for the AD9066 to fully switch between valid CMOS logic levels. When latching the output data, be careful to observe latch setup and hold time restrictions as well as this data invalid period when designing the system timing. Layout and Signal Care To insure optimum performance, a single low impedance ground plane is recommended. Analog and digital grounds should be connected together at the AD9066. Analog and digital power supplies should be bypassed, at the device, to ground through 0.1 F ceramic capacitors. The use of sockets may limit the dynamic performance of the part and is not recommended except for prototype or evaluation purposes. Driving the AD9066 with a Bipolar Input Although any type of input signal may be applied, the AD9066 has been optimized for low cost in-phase and quadrature (I and Q) demodulators. Primary applications include digital direct broadcast satellite applications where broadband quadrature phase shift keying (QPSK) modulation is used. In these receivers the recovered signal is separated into I and Q vector components and digitized. AD9066 ADC IF IN 90 ADC VCO VCO The analog input range of the AD9066 is between 3.7 V and 4.2 V. Because the input is offset, the normal method of driving the analog input is to use a blocking capacitor between the analog source and the AD9066 analog input pins. In applications where DC coupling must be employed, the simple circuit shown in Figure 6 will take a bipolar input and offset it to the operating range of the AD9066. To offset the input, the midpoint voltage of the AD9066 is buffered off chip and then inverted with an AD712, a low input bias current dual op amp. This inverted midpoint is then fed to a summation amplifier that combines the bipolar input with the inverted offset voltage. The summation amplifier is an AD812, a wideband current feedback amplifier that provides good bandwidth and low distortion. Figure 7. Simplified Block Diagram For data symbol rates less than 10 Mbaud, the AD607 IF/RF receiver subsystem provides an ideal solution for the second conversion stage of a complete receiver system. Figure 8 shows the AD9066 and AD607 used together. The AD607 accepts inputs as high as 500 MHz which may be the output of the first IF stage or RF signals directly. The IF/RF signal is mixed with the local oscillator to provide an IF frequency of 400 kHz to 22 MHz. This signal is filtered externally and then amplified with an on-chip AGC before being synchronously demodulated with an on-chip PLL carrier recovery circuit. The outputs are digitized with the AD9066. The digital outputs may be processed with a DSP chip such as the ADSP2171, ADSP-21062, general purpose DSP or ASIC. REV. A -5- AD9066 CLOCK LOCAL OSCILLATOR -16dBM 10 VMID + RF INPUT (ANTENNA) 0 BANDPASS FILTER 330 330 100nF 10 4.7 F 100nF + OPTIONAL BPF OR LPF PLL 90 11 VINB 6 1 CLKIN 28 27 26 25 24 23 VINA A OUTPUTS (INPHASE) AD9066 20 19 18 17 16 15 B OUTPUTS (QUADRATURE) MIDPOINT BIAS GENERATOR AGC VOLTAGE AGC DETECTOR RECEIVED SIGNAL STRENGTH INDICATOR PTAT VOLTAGE AD607 BIAS CIRCUIT Figure 8. Digitizer with AD607 Receiver Circuit Theory of Operation The AD9066 dual ADC employs a patented interpolated flash architecture. This architecture enables 64 possible quantization levels with only 32 comparator preamplifiers. This keeps input capacitance to a minimum. The midpoint of the reference ladder is fed back to the analog input, allowing easy biasing of the ADC to midscale for ac coupled applications. As shown in Figure 4d, a simple resistor is used to provide the reference ladder midpoint to the analog input. The high impedance MOS inputs of the comparators insure no static voltage drop across the resistor. This eliminates the need for an active buffer (and its inherent offsets) to set the reference midpoint at the analog input. The outputs of the comparators are converted to a 6-bit word and converted to CMOS levels. The digital signals are latched at six stages (two pipeline delays) in the signal path. The digital outputs are CMOS with approximately equal rise and fall times. The encode clock utilizes a CMOS input stage with TTLcompatible (1.4 V) thresholds. Internal clock buffers minimize external clock drive requirements. -6- REV. A AD9066 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 28-Lead Small Outline Package (R-28) 0.7125 (18.10) 0.6969 (17.70) 28 15 0.2992 (7.60) 0.2914 (7.40) 1 14 0.4193 (10.65) 0.3937 (10.00) PIN 1 0.1043 (2.65) 0.0926 (2.35) 0.0291 (0.74) 0.0098 (0.25) 45 0.0118 (0.30) 0.0040 (0.10) 0.0500 (1.27) BSC 8 0 0.0192 (0.49) SEATING 0.0125 (0.32) PLANE 0.0138 (0.35) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 28-Lead SSOP (RS-28) 0.407 (10.34) 0.397 (10.08) 28 15 0.311 (7.9) 0.301 (7.64) 1 14 0.078 (1.98) PIN 1 0.068 (1.73) 0.07 (1.79) 0.066 (1.67) 0.212 (5.38) 0.205 (5.21) 0.008 (0.203) 0.0256 (0.65) 0.002 (0.050) BSC 8 0.015 (0.38) 0 SEATING 0.009 (0.229) 0.010 (0.25) PLANE 0.005 (0.127) 0.03 (0.762) 0.022 (0.558) REV. A -7- PRINTED IN U.S.A. C2019-0-6/00 (rev. A) 00566 |
Price & Availability of AD9066 |